Part Number Hot Search : 
GBPC4008 6011E MC145516 5501A ADN4692E F1020 TCA280B SML20J97
Product Description
Full Text Search
 

To Download PJ431CX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJ431/PJ431A/PJ431B Programmable Precision References
IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a impedance typical dynamic these of 0.22. The characteristics of
T
he PJ431, A, B integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic
diodes in many applications such as digital voltmeters, power supplies , and op amp circuitry. The 2.5 volt reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since The PJ431, A, B operates as a shunt regulator, it can be used as either a positive or negative tage reference.
references make them excellent replacements for zener
FEATURES
TO-92 SOT-89
* *
Programmable Output Voltage to 36 Volts Voltage Reference Tolerance: PJ431A : 0.5%, Typ@25C PJ431 : 1%, Typ@25C
Pin: 1. Reference 2. Anode 3. Cathode SOP-8 Pin: 1. Cathode 2. Anode 3. Anode 4. N.C. 5. N.C. 6. Anode 7. Anode 8. Reference
PJ431B : 2%, Typ@25C * * * * * Low Dynamic Output Impedance, 0.22 Typical Sink Current Capability of 1.0 to 100 mA Equivalent Full-Range Temperature Coefficient of 50 ppm/ Typical Temperature Compensated for Operation over Full Rated Operating Temperature Range Low Output Noise Voltage
Pin: 1. Reference 2. Anode 3. Cathode
(Heatsink surface connected to Pin 2)
SOT-23
BLOCK DIAGRAM
Pin: 1. Reference 2. Cathode 3. Anode
SOP-8 is an internally modified SOP-8 Package. Pins 2,3,6 and 7 are electrically common to the die attach flag. This internal lead frame modification decreases package thermal resistance and increases power dissipation capability when appropriately mounted on a printed on a printed circuit board. SOP-8 conforms to all external dimensions of the standard SOP-8 Package.
CIRCUIT SCHEMATIC QRDERING INFORMATION
Device
PJ431/ A/ B CT PJ431/ A/ B CS PJ431/ A/ B CY PJ431/ A/ B CX
Operating Temperature (Ambient)
Package TO-92
- 20~ +85
SOP-8 SOT-89 SOT-23
1-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
MAXIMUM RATINGS (Full operating ambient temperature range applies unless otherwise noted.) Rating
Cathode To Anode Voltage Cathode Current Range, Continuous Reference Input Current Range, Continuous Operating Junction Temperature Operating Ambient Temperature Range Storage Temperature Range Total Power Dissipation @ TA = 25 Derate above 25 Ambient Temperature PJ431 / 431A / 431B CT PJ431 / 431A / 431B CS PJ431 / 431A /431 B CY PJ431 / 431A / 431B CX Total Power Dissipation @ TC = 25 Derate above 25 Case Temperature PJ431 / 431A / 431B CT PJ431 / 431A / 431B CS PJ431 / 431A /431 B CY PJ431 / 431A / 431B CX 1.5 1.5 1.5 0.7 PD 0.625 0.70 0.80 0.30 W
Symbol
VKA IK Iref TJ TA Tstg PD
Value
37 -100 to +150 -0.05 to +10 150 -20 to +85 -65 to +150
Unit
V mA mA

W
THERMAL CHARACTERISTICS Characteristics
Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case
Symbol
RJA RJC
Min
178 83
Max
114 41
Unit
/W /W
RECOMMENDED OPERATING CONDITIONS Condition/Value
Cathode To Anode Voltage Cathode Current
Symbol
VKA IK
Min
Vref 1.0
Max
36 100
Unit
V mA
2-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
1
Tlow =-20 , Thigh = +85 FIGURE 1 -- TEST CIRCUIT FOR VKA = vref
2
The deviation parameter Vref is defined as the differences between the maximum and minimum values obtained over the full operating ambient temperature range the applies.
FIGURE 2 -- TEST CIRCUIT FOR VKA > Vref The average temperature coefficient of the reference input voltage, Vref , is defined as : ppm (vref ) Vref@25 TA x106 = Vref x 106 TA(Vref@25 )
Vref
=
Vref can be positive of negative depending on whether Vref Min of Vref Max occurs at the lower ambient temperature. (Refer to Figure 6) Example: Vref = 8.0 mV and slope is positive, Vref @ 25 = 2.5V, TA = 85 Vref = 0.008 x 106 70(2.5) = 45.8 ppm/ VKA = Vref ( 1+ R1 R2
) + Iref * R1
3
The dynamic impedance Zka is defined as: | Zka | = VKA IK
FIGURE 3 -- TEST CIRCUIT FOR Ioff
When the device is programmed with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of the circuit is defined as: | Zka | | Zka | ( 1 + R1 R2 )
4
This test is not applicable to surface mount (D suffix) devices.
3-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
ELECTRICAL CHARACTERISTICS ( Ambient temperature at 25 unless otherwise noted )
PJ431
Characteristic
Reference Input Voltage (Figure 1) VKA = Vref , IK = 10 mA, TA = +25 TA = Tlow to Thigh (Note 1) PJ431A PJ431 PJ431B Reference Input Voltage Deviation Over Temperature Range (Figure 1, Note 1,2,4) VKA = Vref , IK = 10 mA Ratio of Change in Reference Input Voltage to Change in Cathode to Anode Voltage IK = 10 mA (Figure 2),
Symbol
Min
Typ
Max
Unit
Vref
2.4875 2.475 2.45
2.495 2.495 2.495
2.5125 2.525 2.55
V
Vref
--
3.0
17
mV
VKA = 10V to Vref VKA = 36V to 10V
Vref VKA
---
- 1.4 - 1.0
- 2.7 -.2.0
mV
Reference Input Current (Figure 2) IK = 10 mA, R1 = 10 k, R2 = TA = +25 TA = Tlow to Thigh (Note 1) Reference Input Current Deviation Over Temperature Range (Figure 2, Note 1,4) IK = 10 mA, R1 = 10 k, R2 = Minimum Cathode Current for Regulation VKA = Vref (Figure 1) Off-State Cathode Current (Figure 3) VKA = 36 V, Vref = 0V Dynamic Impedance (Figure 1, Note 3) VKA = Vref,
Iref
---
0.7 --
4.0 5.2
A
lref
--
0.4
1.2
A
Imin Ioff | Zke |
--
0.5
1.0
mA
--
2.6
1000
nA
--
0.22
0.5
IK = 1.0 mA to 100 mA, f 1.0 kHz
4-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
FIGURE 4-CATHODE CURRENT versus CATHODE VOLTAGE FIGURE 5-CATHODE CURRENT versus CATHODE VOLTAGE
FIGURE 6-REFERENCE INPUT VOLTAGE versus AMBIENT TEMPERATURE
FIGURE 7-REFERENCE INPUT CURRENT versus AMBIENT TEMPERATURE
FIGURE 8-CHANGE IN REFERENCE INPUT VOLTAGE versus CATHODE VOLTAGE
FIGURE 9 -OFF.STATE CATHODE CURRENT versus AMBIENT TEMPERATURE
5-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
FIGURE 10 - DYNAMIC IMPEDANCE VERSUS FREQUENCY FIGURE 11 - DYNAMIC IMPEDANCE VERSUS AMBIENT TEMPERATURE
FIGURE 12 - OPEN LOOP VOLTAGE GAIN VERSUS FREQUENCY
FIGURE 13 - SPECTRAL NOISE DENSITY
FIGURE 14 - PULSE RESPONSE
FIGURE 15 - STABILITY BOUNDARY CONDITIONS
6-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
FIGURE 16-TEST CIRCUIT FOR CURVE A OF STABILITY BOUNDARY CONDITIONS FIGURE 17-TEST CIRCUIT FOR CURVES B.C. AND D OF STABILITY BOUNDARY CONDITIONS
FIGURE 18-SHUNT REGULATOR
FIGURE 19-HIGH CURRENT SHUNT REGULATOR
FIGURE 20-OUTPUT CONTROL OF A THREE-TERMINAL FIXED EGULATOR
FIGURE 21-SERIES PASSEGULATOR
7-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
FIGURE 22-CONSTANT CURRENT SOURCE
FIGURE 23-CONSTANT CURRENT SINK
FIGURE 24-TRIAC CROWBAR
FIGURE 25-SCR CROWBAR
FIGURE 26-VOLTAGE MONITOR
FIGURE 27-SINGLE-SUPPLY COMPARATOR WITH TEMPERATURE-COMPENSATED THRESHOLD
L.E.D. indicator is "on" when V+ is between the upper and lower limits.
Vin Vuref
Vout V+ 2.0V
8-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
FIGURE 28-LINER OHMMETER FIGURE 29-SIMPLE 400mW PHONO AMPLIFIER
FIGURE 30-HIGH EFFICIENCY STEP-DOWN SWITCHING CONVERTER
TEST Line Regulation Load Regulation Output Ripple Output Ripple Efficiency
CONDITIONS Vin=10V to 20V, Io=1.0A Vin=15V, Io=0A to 1.0A Vin=10V,Io=1.0A Vin=20V, Io=1.0A Vin=15V, Io=1.0A
RESULTS 53mV (1.1%) 25mV (0.5%) 50mVp-p P.A.R.D. 100mVp-p P.A.R.D. 82%
9-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
TO-92 Mechanical drawing
TO-92 DIMENSION DIM A B C D E F G H MILLIMETERS MIN MAX 4.3 4.7 4.3 4.7 14.3 14.3 0.435 0.485 2.19 2.81 3.3 3.7 2.42 2.66 0.375 0.425 INCHES MIN MAX 0.169 0.185 0.169 0.185 0.563 0.563 0.017 0.019 0.086 0.111 0.130 0.146 0.095 0.105 0.015 0.107
SOT-23 Mechanical drawing
SOT-23 DIMENSION
DIM A B C D E F G MILLIMETERS MIN MAX 2.88 2.91 0.39 0.42 1.78 2.03 0.51 0.61 1.59 1.66 1.04 1.08 0.07 0.09 INCHES MIN MAX 0.110 0.120 0.014 0.018 0.070 0.080 0.020 0.024 0.061 0.065 0.038 0.049 0.003 0.005
10-11
2003/01 rev.A
PJ431/PJ431A/PJ431B Programmable Precision References
SOP-8 Mechanical drawing
SOP-8 DIMENSION DIM A B C D F G K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27BSC 0.10 0.25 0 7 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.189 0.196 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.05BSC 0.004 0.009 0 7 0.229 0.244 0.010 0.019
SOT-89 Mechanical drawing
SOT-89 Dimension DIM A B C D E F G H I J MILLIMETERS MIN MAX 4.4 4.6 1.5 1.7 2.30 2.60 0.40 0.52 1.50 1.50 3.00 3.00 0.89 1.20 4.05 4.25 1.4 1.6 0.35 0.44 INCHES MIN MAX 0.173 0.181 0.059 0.070 0.090 0.102 0.016 0.020 0.059 0.059 0.118 0.118 0.035 0.047 0.159 0.167 0.055 0.063 0.014 0.017
11-11
2003/01 rev.A


▲Up To Search▲   

 
Price & Availability of PJ431CX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X